Part Number Hot Search : 
68HC7 LS103 NJU201 051BE 2C3TXBI ADV3205 MBRB1 56800ERM
Product Description
Full Text Search
 

To Download 390SJ058M20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 390-058 Submersible EMI/RFI Cable Sealing Backshell
with Strain Relief Type E - Self Locking Rotatable Coupling - Standard Profile
39
CONNECTOR DESIGNATORS
390 F H 058 M 16 10 D M Product Series Connector Designator Angle and Profile H = 45 J = 90 See page 39-56 for straight Basic Part No. Finish (Table II) Termination (Note 5) D = 2 Rings, T = 3 Rings Cable Entry (Tables X, XI) Shell Size (Table I) Strain Relief Style (H, A, M, D)
A-F-H-L-S
SELF-LOCKING ROTATABLE COUPLING TYPE E INDIVIDUAL AND/OR OVERALL SHIELD TERMINATION
A Thread (Table I) O-Ring
F
(Table III)
H (Table III) G (Table III) O-Ring 1.281 (32.5) Ref. Typ.
E Typ. (Table I)
Anti-Rotation Device (Typ.) 1.00 (25.4) Max
J (Table III)
STYLE 2 (See Note 1)
STYLE H Heavy Duty (Table X) T
STYLE A Medium Duty (Table XI) W
STYLE M Medium Duty (Table XI) X
STYLE D Medium Duty (Table XI) .135 (3.4) Max
Cable Range
V
Cable Range
Y
Cable Range
Y
Cable Entry
Z
(c) 2005 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com Series 39 - Page 58
with Strain Relief Type E - Self Locking Rotatable Coupling - Standard Profile See inside back cover fold-out or pages 13 and 14 for Tables I and II.
TABLE III: ELBOW DIMENSIONS Shell Size Conn. Desig. H A-F-L-S 09 08 11 10 13 12 15 14 17 16 19 18 21 20 23 22 25 24 F Max .795 (20.2) .820 (20.8) .844 (21.4) .861 (21.9) .888 (22.6) .904 (23.0) .929 (23.6) .956 (24.3) .979 (24.9) G Max 1.031 (26.2) 1.063 (27.0) 1.094 (27.8) 1.127 (28.6) 1.147 (29.1) 1.157 (29.4) 1.177 (29.9) 1.217 (30.9) 1.247 (31.7) H Max .906 (23.0) .966 (24.5) 1.026 (26.1) 1.076 (27.3) 1.136 (28.9) 1.176 (29.9) 1.236 (31.4) 1.296 (32.9) 1.356 (34.4) J Max 1.157 (29.4) 1.217 (30.9) 1.277 (32.4) 1.347 (34.2) 1.407 (35.7) 1.427 (36.2) 1.487 (37.8) 1.567 (39.8) 1.637 (41.6)
TABLE X: CABLE ENTRY Cable Range V T Dash Max Min Max No. Max .957 (24.3) .125 (3.2) .312 (7.9) .780 (19.8) 04 .250 (6.4) .437 (11.1) .780 (19.8) 1.145 (29.1) 06 .387 (9.8) .562 (14.3) .780 (19.8) 1.332 (33.8) 08 .350 (8.9) .625 (15.9) .780 (19.8) 1.332 (33.8) 10 .500 (12.7) .750 (19.1) .811 (20.6) 1.551 (39.4) 12 .625 (15.9) .937 (23.8) .905 (23.0) 1.770 (45.0) 16 .875 (22.2) 1.250 (31.8) 1.092 (27.7) 2.113 (53.7) 20 1.124 (28.5) 2.363 (60.0) 1.000 (25.4) 1.375 (34.9) 24 1.399 (35.5) 2.770 (70.4) 1.250 (31.8) 1.625 (41.3) 28 1.399 (35.5) 3.020 (76.7) 1.437 (36.5) 1.875 (47.6) 32
1. When maximum cable entry (page 21) is exceeded, Style 2 will be supplied. Dimensions F, G, H and J will not apply. Please consult factory. 2. Metric dimensions (mm) are indicated in parentheses. 3. Cable range is defined as the accommodations range for the wire bundle or cable. Dimensions shown are not intended for inspection criteria. 4. Interface O-Ring not supplied with connector designator A. 5. Designate Symbol T for 3 ring termination of individual and overall braid. Designate D for standard 2 ring termination of individual or overall braid.
Dash X W No. Max Max 03* .437 (11.1) .760 (19.3) 04* .437 (11.1) .760 (19.3) 06* .500 (12.7) .760 (19.3) 08 .563 (14.3) .760 (19.3) 10 .563 (14.3) .760 (19.3) 12 .563 (14.3) .760 (19.3) 16 .656 (16.7) 1.073 (27.3) 20 .656 (16.7) 1.323 (33.6) 24 .656 (16.7) 1.323 (33.6) 28 1.188 (30.2) 1.572 (39.9) 32* 1.187 (30.1) 1.572 (39.9) 40* 1.125 (28.6) 1.572 (39.9) * Not available in Style M clamp.
(c) 2005 Glenair, Inc.
TABLE XI: CABLE ENTRY Y Z Max Max .843 (21.4) .630 (16.0) .906 (23.0) .755 (19.2) 1.093 (27.8) .942 (23.9) 1.187 (30.1) 1.067 (27.1) 1.281 (32.5) 1.192 (30.3) 1.500 (38.1) 1.380 (35.1) 1.719 (43.7) 1.535 (39.0) 2.062 (52.4) 1.848 (46.9) 2.312 (58.7) 2.255 (57.3) 2.719 (69.1) 2.505 (63.6) 2.969 (75.4) 2.755 (70.0) 3.531 (89.7) 3.255 (82.7)
Cable Range Min ** Max .156 (4.0) .250 (6.4) .188 (4.8) .312 (7.9) .281 (7.1) .438 (11.1) .387 (9.8) .562 (14.3) .375 (9.5) .625 (15.9) .438 (11.1) .750 (19.1) .625 (15.9) .938 (23.8) .875 (22.2) 1.250 (31.8) 1.000 (25.4) 1.375 (34.9) 1.250 (31.8) 1.625 (41.3) 1.437 (36.5) 1.875 (47.6) 1.875 (47.6) 2.375 (60.3) ** Not Applicable Style D
Printed in U.S.A.
CAGE Code 06324
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com Series 39 - Page 59
39
390-058 Submersible EMI/RFI Cable Sealing Backshell


▲Up To Search▲   

 
Price & Availability of 390SJ058M20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X